Part Number Hot Search : 
1J000 OY121K DG2612 I1015 08226 AX8734A AS1536 82077AA
Product Description
Full Text Search
 

To Download DEV-13310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  h i sparkfun ludus protoshield DEV-13310 rohs u images are cc by-nc-sa 3.0 v description: t he sparkfun ludus protoshield is an arduino compatible shield designed to make connecting motors and sensors to your arduino-based development board as fast and easy as possible. each ludus shield has been equipped with a small prototyping area for quick integration of arduino projects without the need of a separate breadboard. si mply assemble what you need in the prototyping area, attach this shield to your arduino, and you will be up and running in no time. the sparkfun ludus protoshi eld was developed by our education department to help teach any interested i ndividual the dynamics of motor control through the arduino ide and was lovingly named after their very own mascot. the heart of the ludus protoshield is an h- bridge motor driver. this allows the protoshield to drive two dc motors at once in both directions and brake electronically. the tb6612fng h-bridge driver is rated up to 1.2a per channel at 13v which means it will drive a fair vari ety of hobby motors ranging in power. this ludus board also features pwr and gnd ra ils alongside the gpio pins. not only does this help you to avoid the common inconvenience of running out of gnd and pwr pins, but because the pins are arr anged with pwr in the center, plugging in servos is a snap! the pwr rail can even be switched between 5v (from the arduino?s voltage regulator) and vin using the on board slide switches. these features make the sparkfun ludus protoshield ideal for small rover-style robots. this specific ludus protoshield includes an i c header that has been laid out so that you can plug in a device such as a magnet ometer or a 9dof sensor. with these sensors it?s possible to set up a a nice a reliable navigation system. 2 page 1 of 2
features: ? tb6612fng h-bridge driver ? prototyping area ? i c header ? arduino r3 layout 2 page 2 of 2 11 / 16 / 201 5 htt p s://www.s p arkfun.com/ p roducts/13310


▲Up To Search▲   

 
Price & Availability of DEV-13310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X